Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download FTM-8401C-SL2CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Nov 20, 2006
100BASE-FX Spring-Latch SFP Transceiver
(For 2km transmission with MCU version)
Members of FlexonTM Family
Standard
Compatible with SFP MSA Compatible with IEEE 802.3ah-2004 Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I Compatible with Telcordia GR-468-CORE RoHS compliance
Features
Build-in PHY supporting SGMII Interface Build-in high performance MCU supporting easier configuration 100BASE-FX operation 850nm VCSEL laser and PIN photo-detector 0.5m~2km transmission with MMF Standard serial ID information Compatible with SFP MSA SFP MSA package with duplex LC connector With Spring-Latch for high density application Very low EMI and excellent ESD protection +3.3V single power supply Operating case temperature: 0 to +70C
Description
Fiberxon FTM-8401C-SL2CG SFP transceiver is high performance, cost effective modules. It is designed for 100BASE-FX applications from 0.5m to 2km with MMF. The transceiver consists of two sections: The standard SFP part and the PHY part. FTM-8401C-SL2CG is built with SGMII interface. The optical output can be disabled by a TTL logic high-level input of Tx Disable. Tx Fault is provided to indicate that degradation of the laser. Loss of signal (LOS) output is provided to indicate the loss of an input optical signal of receiver. The standard serial ID information Compatible with SFP MSA describes the transceiver's capabilities, standard interfaces, manufacturer and other information. The host equipment can access this information via the 2-wire serial CMOS EEPROM protocol. For further information, please refer to SFP Multi-Source Agreement (MSA).
Applications
Switch to Switch interface Switched backplane applications Router/Server interface Other optical transmission systems
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 10
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Preliminary datasheet Nov. 20, 2006
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC , " Lead and cadmium in optical and filter glass." ,the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class I laser product. TUV Certificate No. 50030043 UL file E223705 Compliant with standards note Compatible with standards Performance Class 1(>500 V) Compatible with standards
Absolute Maximum Ratings
Stress in excess of the maximum absolute ratings can cause permanent damage to the module. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Supply Voltage Operating Relative Humidity Symbol TS VCC Min. -40 -0.5 5 Max. +85 3.6 95 Unit C V %
Recommended Operating Conditions
Table 3- Recommended Operating Conditions Parameter Operating Case Temperature Power Supply Voltage Symbol TC VCC Min. 0 3.10 3.30 Typical Max. +70 3.50 Unit C V
Page 2 of 10
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Power Supply Current Date Rate ICC 125 Preliminary datasheet 320 Nov. 20, 2006 mA Note 1 Mbps
Note 1: The max. power supply current after module work stable.
Optical and Electrical Characteristics
Table 4 - Optical and Electrical Characteristics Parameter Centre Wavelength Average Output Power P0ut@TX Disable Asserted Spectral Width (RMS) Extinction Ratio Rise/Fall Time (20%80%) Output Optical Eye Data Input Swing Differential (SGMII Series interface) Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C Symbol C P0ut P0ut EX tr/tf Compatible with IEEE 802.3ah-2004 VIN ZIN 500 80 2.0 Vee 2.0 Vee Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Return Loss LOS De-Assert LOS Assert LOS Hysteresis Total Jitter (SGMII Series Interface) Data Output Swing Differential (SGMII Series Interface) LOS Notes: 2. 3. 4. 5. 6. The optical power is launched into MMF. Unfiltered, measured with 4B/5B code for 125Mbps Measured with 4B/5B code for 125Mbps. PECL logic, internally AC coupled. Measured with 4B/5B code for 125Mbps, worst-case extinction ratio, BER 1x10-10.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 10
Min. Transmitter 830 -9.5
Typical 850
Max. 860 -4 -45 0.85
Unit nm dBm dBm nm dB ns
Notes
2 2
9 3
3 4
1200 100 120 Vcc Vee+0.8 Vcc Vee+0.5 860 -24
mV V V
5
770 0 12
nm dBm dBm dB 6 6
-25 -40 0.5 TJ VOUT 370 2.0 Vee 4.5 0.43 2000 Vcc+0.3 Vee+0.5
dBm dBm dB UI mV V 5
High Low
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Preliminary datasheet Nov. 20, 2006
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2-wire serial interface at the 8-bit address 1010000X (A0h). For the memory contents, please refer to Table 5. Table 5 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60--61 62 63 64--65 66 67 68--83 84--91 92--94 95 96--154 155 156-247 248 1 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 1 2 1 1 16 8 3 1 58 1 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 00 00 20 00 00 00 00 02 01 00 2km Hex Description SFP MOD4 LC Transmitter Code 4B5B 100Mbps
Length (9um)-km 02 Length (9um) 64 Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved CC BASE Options BR, max BR, min Vendor SN 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D 38 34 30 31 43 2D 53 4C 32 43 47 20 xx xx xx xx 03 52 00 xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx 00 00 00 Xx
"FIBERXON INC. "(ASC)
"FTM-8401C-SL2CG" (ASC) ASC( "31 30 20 20" means 1.0 revision) 850nm Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE
ASC Year(2 bytes), Month(2 bytes), Day (2 bytes) Check sum of bytes 64 - 94 Read only Read only
Page 4 of 10
Vendor date codexx xx xx xx xx xx 20 20 Reserved CC_EXT Vendor specific Reserved Vendor specific Status
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission 249 250 251 252 253 254 255 1 1 1 1 1 1 1 CFG0 CFG1 CFG2 Status Reserved PSWH PSWL Preliminary datasheet Nov. 20, 2006
Work mode configuration Work mode configuration Work mode configuration Module status indication Read only Password entry Password entry
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFP Multi-Source Agreement (MSA) and application note.
Easier Configuration
Designing-in a high performance MCU in FTM-8401C-SL2CG, host can configure Fiberxon's SGMII series product easily. For FTM-8401C-SL2CG, host only need access few registers of A0H via I2C to configure SGMII series module, such as speed-selection, Auto-negotiation, LOS/Link detection, TX disable, FEFI/RFI and CRC counter function support. Host can get inner status via access specific register of FTM-8401C-SL2CG. The operation data rate can be configured via hardware pin and I2C bus independently. For more detailed information, please refer to application note of FTM-8401C-SL2CG.
Recommended Host Board Power Supply Circuit
Figure 1 shows the recommended host board power supply circuit.
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 2 shows the recommended interface circuit.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 10
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Preliminary datasheet Nov. 20, 2006
SGMII Interface Host Board SFP Module
VccT
10 K
TX Disable TX Fault
Z=50 100 SGMII/802.3z SerDes MAC Controller 100
TD +
100 Z=50 Z=50
TD -
Laser driver
RD +
PHY IC 100
Controller
Z=50
RD -
Amplifier
Vcc(+3.3V)
6x4.7 K to10K
Rate selection LOS MOD-DEF2 MOD-DEF1 MOD-DEF0
MCU
Figure 2, Recommended Interface Circuit
Pin Definitions
Figure 3 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table 6 with some accompanying notes.
P in 2 0 T O P V IE W OF BOARD P in 1 1
P in 1 0 B O T T O M V IE W OF BOARD P in 1
Figure 3, Pin View
Table 6- Pin Function Definitions
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 10
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Notes: 1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): (>0.8V, <2.0V): High (2.0~3.465V): Open: Transmitter on Undefined Transmitter Disabled Transmitter Disabled Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground Preliminary datasheet Plug Seq. 1 3 3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1 Note 6 Note 6 Note 5 Note 5 Note 4 Note 1 Note 2 Note 3 Note 3 Note 3 Nov. 20, 2006 Notes
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 is grounded by the module to indicate that the module is present MOD-DEF 1 is the clock line of two wire serial interface for serial ID MOD-DEF 2 is the data line of two wire serial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver output. They are internally AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SGMII. 6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 10
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission Preliminary datasheet Nov. 20, 2006
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 4.
Figure 4, Mechanical Design Diagram of the SFP with Spring- Latch
Ordering information
FTM
8
4
0
1
C
SL
2
C
G
Wavelength 8 : 850 nm Function 4 : PHY Data rate 01: 125M
Receptacle C : LC
Distance 2: 2KM
MCU C: MCU version
Other G: RoHS compliance
Package SL: SFP with Spring- Latch
Product part Number FTM-8401C-SL2CG
Media Single mode fiber
Data Rate(Mbps) 125
Transmission Distance(km) 2
Related SGMII SFP Products
Product part Number Media Data Rate(Mbps) Transmission Distance Note
Page 8 of 10
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission FTM-C012R-LCG FTM-8401C-SL2G FTM-3401C-SL2G FTM-3401C-SL10G FTM-3401S-SL10BG/ FTM-5401S-SL10BG FTM-3413C-SLG FTM-3413C-SL05G FTM-3401C-SL2CG FTM-3401C-SL10CG FTM-8413C-SL05CG FTM-3413C-SLCG FTM-3413C-SL05CG Cat. 5 Copper Multi-Mode Fiber Multi-Mode Fiber Single mode fiber Single mode fiber Single mode fiber Multi-Mode Fiber Multi-Mode Fiber Single mode fiber Multi-Mode Fiber Single mode fiber Multi-Mode Fiber Preliminary datasheet 10/100/1000 125 125 125 125 125/1250 125/1250 125 125 125/1250 125/1250 125/1250M 100m 2km 2km 10km 10km 10km 550m 2km 10km 550m 10km 550m MCU version MCU version MCU version MCU version MCU version Nov. 20, 2006
Related Documents
For further information, please refer to the following documents: Fiberxon Spring-Latch SFP Installation Guide Fiberxon SFP Application Notes SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.
Revision History
Revision Rev. 1a Initiate Henry.xiao Review Tripper.Huang Approve Walker.Wei Subject Initial datasheet Release Date Nov. 20,2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 9 of 10
125M SGMII Spring-Latch SFP Transceiver 2km MMF transmission (c) Copyright Fiberxon Inc. 2006 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com Preliminary datasheet Nov. 20, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 10


▲Up To Search▲   

 
Price & Availability of FTM-8401C-SL2CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X